Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LO M676-Q2T1-24 Datasheet (PDF) - ams-OSRAM AG

LO M676-Q2T1-24 Datasheet PDF - ams-OSRAM AG
Part # LO M676-Q2T1-24
Download  LO M676-Q2T1-24 Download
File Size   1777.12 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Mini TOPLED®

LO M676-Q2T1-24 Datasheet (PDF)

Go To PDF Page Download Datasheet
LO M676-Q2T1-24 Datasheet PDF - ams-OSRAM AG

Part # LO M676-Q2T1-24
Download  LO M676-Q2T1-24 Click to download

File Size   1777.12 Kbytes
Page   22 Pages
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG
Description Mini TOPLED®

LO M676-Q2T1-24 Datasheet (HTML) - ams-OSRAM AG


LO M676-Q2T1-24 Product details

Applications
- Ambient Lighting
- Automotive Aftermarket
- Robotics
Features
- Package: white SMT package, colorless clear resin
- Chip technology: InGaAlP
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λdom = 606 nm (● orange)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)





Similar Part No. - LO M676-Q2T1-24

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
LO M670-H2L1-24 AMSOSRAM-LO M670-H2L1-24 Datasheet
1Mb / 22P
Mini TOPLED®
2019-07-16
LO M67F-U2AB-24 AMSOSRAM-LO M67F-U2AB-24 Datasheet
1Mb / 21P
Mini TOPLED®
2022-09-01
LO M67F.01-U2AB-24-G3R3 AMSOSRAM-LO M67F.01-U2AB-24-G3R3 Datasheet
1Mb / 22P
Mini TOPLED®
2023-06-22
LO M67K-K2M1-24 AMSOSRAM-LO M67K-K2M1-24 Datasheet
1Mb / 22P
Mini TOPLED®
2024-11-21
LO M67K-L1M2-24 AMSOSRAM-LO M67K-L1M2-24 Datasheet
1Mb / 22P
Mini TOPLED®
2024-11-21
More results


Similar Description - LO M676-Q2T1-24

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LSM670 SIEMENS-LSM670 Datasheet
49Kb / 8P
Mini TOPLED
logo
OSRAM GmbH
LG-M67K-G1J2-24-Z OSRAM-LG-M67K-G1J2-24-Z Datasheet
501Kb / 20P
Mini TOPLED
LG-M676-N2Q1-24-Z OSRAM-LG-M676-N2Q1-24-Z Datasheet
502Kb / 20P
Mini TOPLED
LS-M67K-H2L1-1-Z OSRAM-LS-M67K-H2L1-1-Z Datasheet
500Kb / 20P
Mini TOPLED
LSM67K OSRAM-LSM67K Datasheet
500Kb / 20P
Mini TOPLED
LTM673 OSRAM-LTM673 Datasheet
614Kb / 21P
Mini TOPLED
LGM67K OSRAM-LGM67K Datasheet
501Kb / 20P
Mini TOPLED
logo
ams AG
LBM673 AMSCO-LBM673 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.7 2022-08-03
LYM67F.01 AMSCO-LYM67F.01 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.1 2023-06-22
LGM676 AMSCO-LGM676 Datasheet
1Mb / 22P
Mini TOPLED®
Version 1.4 2019-07-16
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com